PART |
Description |
Maker |
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
IRFB11N50 IRFB11N50APBF |
Power MOSFET(Vdss=500V/ Rds(on)max=0.52ohm/ Id=11A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
IRF820 IRF820PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A) Power MOSFET(Vdss=500V/ Rds(on)=3.0ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
OM6233SS OM6227SS OM6233SSV OM6231SS OM6232SS OM62 |
1000V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6D package 400V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6E package 1000V Dual N-Channel MOSFET in a S-6E package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6D, SIP-6 400V Dual N-Channel MOSFET in a S-6E package 400V双N沟道MOSFET的在一个S - 6E条包 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6E, SIP-6
|
International Rectifier Electronic Theatre Controls, Inc. Atmel, Corp.
|
COM450A COM150A COM250A |
200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 30V N-Channel PowerTrench MOSFET 100V , 25Amp, N-Channel MOSFET(100V ,25 A,N沟道MOS场效应管) 500V , 10Amp, N-Channel MOSFET(500V ,10A,N沟道MOS场效应管) 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
Omnirel International Rectifier
|
STP12NM50 STP12NM50FP STB12NM50-1 |
N-CHANNEL MOSFET with FAST DIODE N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh Power MOSFET N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET N-CHANNEL 500V 0.3OHM 12A TO-220/TO-220FP/I2PAK MDMESH POWER MOSFET
|
ST Microelectronics STMicroelectronics SGS Thomson Microelectronics
|
IRFP450 6068 -IRFP450 |
N-Channel 500V-0.33惟-14A- TO-247 PowerMESHTM MOSFET(N娌??MOSFET) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.33Ω- 14A条至247 PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET From old datasheet system N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
IRFB17N50L IRFB17N50LPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)typ.=0.28ohm/ Id=16A)
|
IRF[International Rectifier]
|